| Moteur de recherche de fiches techniques de composants électroniques |
|
STA002 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA002 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 43 page ![]() Reg name: SERVICE COMPONENT 3 Internal address: 108H, 109H, 10AH, 10BH Type: R Description : Contains information about the service compo- nent of the broadcast channel SC3_LENGHT & SC3_TYPE (addr 108H) MSB LSB b31 b30 b29 b28 b27 b26 b25 b24 SC3 _EC & SC3_PT(addr 109H) MSB LSB b23 b22 b21 b20 b19 b18 b17 b16 SC3_PT (addr 10AH) MSB LSB b15 b14 b13 b12 b11 b10 b9 b8 LANGUAGE 3 (addr 10BH) MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 b31 to b28 = SC length Bit rate of the service component divided by 8 kbps: 0000: 8 kbps 0001: 16 kbps ............... 1111: 128 kbps b27 to b24 = SC type Type of service component: 0000: MPEG 0001: general data 0100:JPEG 0101: Low bit rate video 1111: invalid data else: RFU b23 = Encryption flag 0: not encrypted SC 1: encrypted SC b22 to b8 = Program type b7 to b0 = SC language Reg name: SERVICE COMPONENT 4 Internal address: 10CH, 10DH, 10EH, 10FH Type: R Description : Contains information about the service compo- nent of the broadcast channel SC4_LENGHT & SC3_TYPE (addr 10CH) MSB LSB b31 b30 b29 b28 b27 b26 b25 b24 SC4_EC & SC3_PT (addr 10DH) MSB LSB b23 b22 b21 b20 b19 b18 b17 b16 SC4 _PT(addr 10EH) MSB LSB b15 b14 b13 b12 b11 b10 b9 b8 LANGUAGE 4 (addr 10FH) MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 b31 to b28 = SC length Bit rate of the service component divided by 8 kbps: 0000: 8 kbps 0001: 16 kbps ............... 1111: 128 kbps b27 to b24 = SC type Type of service component: 0000: MPEG 0001: general data 0100: JPEG 0101: Low bit rate video 1111: invalid data else: RFU b23 = Encryption flag 0: not encrypted SC 1: encrypted SC b22 to b8 = Program type b7 to b0 = SC language STA002 32/43 |