| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7538 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7538 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 30 page ![]() 13/30 ST7538 Figure 4. Packet Mode Timing Control Register Access The communication with ST7538 Control Register is always synchronous. The access is achieved using the same lines of the Mains interface (RxD, TxD and CLR/T) plus REG_DATA Line. With REG_DATA = 1 and RxTx=0, the data present on TxD are loaded into the Control Register MSB first. The ST7538 sampled the TxD line on CLR/T rising edges. The control Register content is updated at the end of the register access section (REG_DATA falling edge). If more than 24 bits are transferred to ST7538 only the latest 24 bits are stored inside the Control Register. With REG_DATA = 1 and RxTx=1, the content of the Control Register is sent on RxD port. The Data on RxD are stable on CLR/T rising edges MSB First. TCRP TDH TDS CLR_T IDLE IDLE IDLE RXD CLR_T RXD TXD D03IN1406 |