| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7538 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7538 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 30 page ![]() 9/30 ST7538 FUNCTIONAL DESCRIPTION Carrier Frequencies ST7538 is a multi frequency device: eight programmable Carrier Frequencies are available (see table 1). Only one Carrier could be used a time. The communication channel could be varied during the normal working Mode to realize a multifrequency communication. Selecting the desired frequency in the Control Register the Transmission and Reception filters are accord- ingly tuned. Table 1. Baud Rates ST7538 is a multi Baud rate device: four Baud Rate are available (See table 2). Table 2. Note: 1. Default value 2. Frequency deviation. 3. Deviation = ∆F / (Baud Rate) 4. Deviation 0.5 Not Allowed FCarrier F (KHz) F0 60 F1 66 F2 72 F3 76 F4 82.05 F5 86 F6 110 F7(1) 132.5 Baud Rate [Baud] ∆F (2)(Hz) Deviation (3) 600 600 1(4) 1200 600 1200 0.5 1 2400(1) 1200(1) 2400 0.5 1 4800 2400 4800 0.5 1 |