Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST75185CD Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce ST75185CD
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CD Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button ST75185CD Datasheet HTML 8Page - STMicroelectronics ST75185CD Datasheet HTML 9Page - STMicroelectronics ST75185CD Datasheet HTML 10Page - STMicroelectronics ST75185CD Datasheet HTML 11Page - STMicroelectronics ST75185CD Datasheet HTML 12Page - STMicroelectronics ST75185CD Datasheet HTML 13Page - STMicroelectronics ST75185CD Datasheet HTML 14Page - STMicroelectronics ST75185CD Datasheet HTML 15Page - STMicroelectronics ST75185CD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ST75185
12/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.2
0.004
0.008
a2
2.45
0.096
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.012
C
0.5
0.020
c1
45˚ (typ.)
D
12.60
13.00
0.496
0.512
E
10.00
10.65
0.393
0.419
e
1.27
0.050
e3
11.43
0.450
F
7.40
7.60
0.291
0.300
L
0.50
1.27
0.020
0.050
M
0.75
0.029
S
˚ (max.)
SO-20 MECHANICAL DATA
PO13L
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18