Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST75185CD Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ST75185CD
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CD Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ST75185CD Datasheet HTML 7Page - STMicroelectronics ST75185CD Datasheet HTML 8Page - STMicroelectronics ST75185CD Datasheet HTML 9Page - STMicroelectronics ST75185CD Datasheet HTML 10Page - STMicroelectronics ST75185CD Datasheet HTML 11Page - STMicroelectronics ST75185CD Datasheet HTML 12Page - STMicroelectronics ST75185CD Datasheet HTML 13Page - STMicroelectronics ST75185CD Datasheet HTML 14Page - STMicroelectronics ST75185CD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ST75185
11/18
APPLICATION INFORMATION: DIODES ON POWER SUPPLY
Diodes placed in series with the VDD and VSS leads protect the ST75185 in the fault condition in which
the devices output are shorted to ±15V and the power supplies are at low state and provide
low-impedance path to ground (see Figure below).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18