Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7261 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce ST7261
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7261 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button ST7261 Datasheet HTML 72Page - STMicroelectronics ST7261 Datasheet HTML 73Page - STMicroelectronics ST7261 Datasheet HTML 74Page - STMicroelectronics ST7261 Datasheet HTML 75Page - STMicroelectronics ST7261 Datasheet HTML 76Page - STMicroelectronics ST7261 Datasheet HTML 77Page - STMicroelectronics ST7261 Datasheet HTML 78Page - STMicroelectronics ST7261 Datasheet HTML 79Page - STMicroelectronics ST7261 Datasheet HTML 80Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
June 2003
77/80
Rev. 1.1
ERRATA SHEET
ST7261 LIMITATIONS AND CORRECTIONS
16 SILICON IDENTIFICATION
This document refers only to ST7261 de-
vices shown in Table 21. They are identifi-
able both by the last letter of the Trace code
marked on the device package and by the
last 3 digits of the Internal Sales Type
printed on the box label (see also Figure 59).
Table 21. Device Identification
Note: For ST7261 parts with other trace codes, customers should contact their ST sales rep-
resentative.
17 REFERENCE SPECIFICATION
Limitations in this document are with reference to the ST7261 Datasheet Revision 2.1 (June
2003).
Part Number
Trace Code marked on device
Internal Sales Type on box label
ST72611xxxx
“xxxxxxxxxY”
72611F1M1/xxx$U3
ST72611xxxx
“xxxxxxxxxY”
72611F1B1/xxx$U3
ST72611xxxx
“xxxxxxxxxX”
72611F1M1/xxx$U4
ST72611xxxx
“xxxxxxxxxX”
72611F1B1/xxx$U4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80