Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6392B1 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce ST6392B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6392B1 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button ST6392B1 Datasheet HTML 39Page - STMicroelectronics ST6392B1 Datasheet HTML 40Page - STMicroelectronics ST6392B1 Datasheet HTML 41Page - STMicroelectronics ST6392B1 Datasheet HTML 42Page - STMicroelectronics ST6392B1 Datasheet HTML 43Page - STMicroelectronics ST6392B1 Datasheet HTML 44Page - STMicroelectronics ST6392B1 Datasheet HTML 45Page - STMicroelectronics ST6392B1 Datasheet HTML 46Page - STMicroelectronics ST6392B1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
SERIAL PERIPHERAL INTERFACE (Continued)
Compatibility S-BUS/I
2CBUS
Using the S-BUS protocol it is possible to imple-
ment mixed system including S-BUS/I
2CBUS bus
peripherals. In order to have the compatibility with
the I
2CBUS peripherals, the devices including the
S-BUS interface must have their SDA and SEN
pins connected together as shown in the following
Figure 48 (a and b). It is also possible to use mixed
S-BUS/I
2CBUS protocols as showed in figure 46
(c). S-BUS peripherals will only react to S-BUS
protocol signals, while I
2CBUS peripherals will
only react to I
2CBUS signals. Multimaster configu-
ration is not possible with the ST63XX SPI (single
master only).
(a)
(b)
(c)
Figure 48.S-BUS/I
2C BUS Mixed Configurations
®
ST6391,92,93,95,97,99
39/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68