| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6392B1 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6392B1 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 68 page ![]() Figure 46. S-BUS Timing Diagram SERIAL PERIPHERAL INTERFACE (Continued) S-BUS/I 2CBUS Timing Diagrams The clock of the S-BUS/I 2CBUS of the ST639x SPI (single master only) has a fixed bus clock fre- quency of 62.5KHz. All the devices connected to the bus must be able to follow transfers with fre- quencies up to 62.5KHz, either by being able to transmit or receive at that speed or by applying the clock synchronization procedure which will force the master into a wait state and stretch low peri- ods. ® ST6391,92,93,95,97,99 37/64 |