Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST63T140B1 Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce ST63T140B1
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63T140B1 Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button ST63T140B1 Datasheet HTML 78Page - STMicroelectronics ST63T140B1 Datasheet HTML 79Page - STMicroelectronics ST63T140B1 Datasheet HTML 80Page - STMicroelectronics ST63T140B1 Datasheet HTML 81Page - STMicroelectronics ST63T140B1 Datasheet HTML 82Page - STMicroelectronics ST63T140B1 Datasheet HTML 83Page - STMicroelectronics ST63T140B1 Datasheet HTML 84Page - STMicroelectronics ST63T140B1 Datasheet HTML 85Page - STMicroelectronics ST63T140B1 Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
ORDERING INFORMATION
To ensure compatibility between the EPROM/OTP
parts and the corresponding ROM families, the fol-
lowing information is provided. the user should
take this information into account when program-
ming the memory and OSD characters of the
EPROM parts.
Communication of the ROM Codes. To commu-
nicate the contents of memories to SGS-THOM-
SON, the customer has to send:
– one file in INTEL INTELLEC 8/MDS FOR-
MAT (either as an EPROM or in a MS-DOS 5”
diskette) for the ODD and EVEN OSD Character
OSD ROM/EEPROM
– one file in INTEL INTELLEC 8/MDS FOR-
MAT (either as an EPROM or in a MS-DOS 5”
diskette) for the EEPROM initial content (this
file is optional)
– a filled Option List form as described in the
OPTION LIST paragraph.
The ROM code must be generated with ST6 as-
sembler. Before programming the EPROM, the
buffer of the EPROM programmer must be filled
with FFh.
For shipment to SGS-THOMSON the EPROMs
should be placed in a conductive IC carrier and
packaging carefully.
Customer EEPROM Initial Contents:
Format
a. The content should be written into an INTEL IN-
TELLEC format file.
b. Undefined or don’t care bytes should have the
content FFh.
OSD Test Character. IN ORDER TO ALLOWTHE
TESTING OF THE ON-CHIP OSD MACROCELL
THE FOLLOWING CHARACTER MUST BE PRO-
VIDED AT THE FIXED 3Fh (63) POSITION OF
THE SECOND OSD BANK.
Listing Generation & Verification. When SGS-
THOMSON receives the files, a computer listing is
generated from them. This listing refers extractly to
the mask that will be used to produce the micro-
controller. Then the listing is returned to the cus-
tomer that must thoroughly check, complete, sign
and return it to SGS-THOMSON. The signed list
constitutes a part of the contractual agreement for
the creation of the customer mask. SGS-THOM-
SON sales organization will provide detailed infor-
mation on contractual points.
Figure 71. OSD Test Character
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
80/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86