| Moteur de recherche de fiches techniques de composants électroniques |
|
ST63T140B1 Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63T140B1 Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 86 page ![]() MEMORY SPACE EPROM Page Device Address EPROM Address Description Page 0 0000h-007Fh 0080h-07FFh 0000h-007Fh 0080h-07FFh Reserved User ROM Page 1 “STATIC” 0800h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh 0800h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh User ROM Reserved Interrupt Vectors Reserved NMI Vector Reset Vector Page 2 0000h-000Fh 0010h-07FFh 1000h-100Fh 1010h-17FFh Reserved User ROM Page 3 0000h-000Fh 0010h-07FFh 1800h-180Fh 1810h-1FFFh Reserved user ROM Table 3. EPROM Memory Map ® ST63E140,E142,E126,E156, T140,T142,T126,T156 73/82 |