| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6201CM6 Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6201CM6 Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 70 page ![]() 57/70 ST62T00C/T01C ST62T03C/E01C Figure 39. Vol versus Iol for High sink (20mA) I/O ports at Vdd=5V Figure 40. Voh versus Ioh on all I/O port at 25 °C Figure 41. Voh versus Ioh on all I/O port at Vdd=5V 0 10203040 0 1 2 3 4 5 Iol (mA) T = -40 °C T= 25 °C T= 95 °C T = 125 °C This curves represents typical variations and is given for guidance only 0 102030 40 -2 0 2 4 6 Ioh (mA) Vdd = 3.0V Vdd = 4.0V Vdd = 5.0V Vdd = 6.0V This curves represents typical variations and is given for guidance only 0 1020 3040 -2 0 2 4 6 Ioh (mA) T = -40 °C T= 25 °C T= 95 °C T = 125 °C This curves represents typical variations and is given for guidance only 57 |