| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6201CM6 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6201CM6 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 70 page ![]() 4/70 ST62T00C/T01C ST62T03C/E01C 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST62T00C,T01C,T03C and ST62E01C de- vices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is target- ed at low to medium complexity applications. All ST62xx devices are based on a building block ap- proach: a common core is surrounded by a number of on-chip peripherals. The ST62E01C is the erasable EPROM version of the ST62T00C,T01C,T03C and device, which may be used to emulate the ST62T00C,T01C and T03C device, as well as the respective ST6200C,01C and 03C ROM devices. OTP and EPROM devices are functionally identi- cal. The ROM based versions offer the same func- tionality selecting as ROM options the options de- fined in the programmable option bytes of the OTP/EPROM versions. OTP devices offer all the advantages of user pro- grammability at low cost, which make them the ideal choice in a wide range of applications where frequent code changes, multiple code versions or last minute programmability are required. These compact low-cost devices feature a Timer comprising an 8-bit counter and a 7-bit program- mable prescaler,an 8-bit A/D Converter with up to 4 analog inputs and a Digital Watchdog timer, making them well suited for a wide range of auto- motive, appliance and industrial applications. Figure 1. Block Diagram TEST NMI INTERRUP T PROGRAM 1836 Bytes PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTAB LE DATA RAM 64 Bytes PORT A PORT B TIMER DIGITAL 8 BIT CORE TEST/VPP (ST62T01C, E01C) 8-BIT A/D CONVERTER PA1..PA 3 (20mA Sink) VDD VSS OSCin OSCout RESE T WATCHDOG : MEMORY PB0..PB1 1036 Bytes (ST62T00C,T03C) (*) Analog input availability depend on versions PB3,PB5..PB 7 / Ain (*) 4 |