| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52T430K3 Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T430K3 Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 88 page ![]() ST52T430/E430 58/88 Figure 10.9 Configuration Register 9 Table 10.5 Config. Register 9 Description Bit Name Value Description 0 PRESC1 00000 TIMER1 Clock = CLKM / 1 00001 TIMER1 Clock = CLKM / 2 00010 TIMER1 Clock = CLKM / 4 00011 TIMER1 Clock = CLKM / 8 1 00100 TIMER1 Clock = CLKM / 16 00101 TIMER1 Clock = CLKM / 32 00110 TIMER1 Clock = CLKM / 64 2 00111 TIMER1 Clock = CLKM / 128 01000 TIMER1 Clock = CLKM / 256 01001 TIMER1 Clock = CLKM / 512 3 01010 TIMER1 Clock =CLKM / 1024 01011 TIMER1 Clock =CLKM / 2048 01100 TIMER1 Clock =CLKM / 4096 4 01101 TIMER1 Clock =CLKM / 8192 01110 TIMER1 Clock =CLKM/16384 01111 TIMER1 Clock=CLKM /32768 10000 TIMER1 Clock=CLKM /65536 5 TMRW1 0 TIMER1OUT Waveform equal to pulse wave 1 TIMER1OUT Waveform equal to square wave 6 - - - not used 7 - - - not used D7 D6 D5 D4 D3 D2 D1 D0 PRESC1: Timer 1 Prescaler TMRW1: TIMER1OUT waveform not used REG_CONF 9 TIMER 1 |