| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52T430K3 Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T430K3 Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 88 page ![]() ST52T430/E430 57/88 Figure 10.8 Configuration Register 8 Table 10.4 Config. Register 8 Description Bit Name Value Description 0 TIRST1 0 PWM/TIMER 1 Internal RESET 1 PWM/TIMER 1 Internal SET 1 - - - not used 2 TISTR1 0 PWM/TIMER 1 Internal STOP 1 PWM/TIMER 1 Internal START 3 - - - not used 4 INTE1 00 TIMER1 Interrupt on TIMER1OUT Falling Edge 01 TIMER1 Interrupt on TIMER1OUT Rising Edge 5 10 TIMER1 Interrupt on Both Edges of TIMER1OUT 11 - not used 6 INTSL1 0 TIMER1 Interrupt on Counter Stop 1 TIMER1 Interrupt on TIMER1OUT 7 T1MODE 0 TIMER MODE 1 PWM MODE D7 D6 D5 D4 D3 D2 D1 D0 TIRST1: Timer 1 RESET - not used TISTR1: Timer 1 START - not used INTE1: Timer 1 Interrupt on TIMER1OUT Rising/Falling Edge INTSL1: Timer 1 Interrupt Source selection T1MODE: Timer 1 working mode REG_CONF 8 TIMER 1 |