| Moteur de recherche de fiches techniques de composants électroniques |
|
ST52T430K2 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T430K2 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 88 page ![]() ST52T430/E430 60/88 Figure 10.11 Configuration register 11 Table 10.7 Config. Register 11 Description Bit Name Value Description 0 PRESC2 00000 TIMER2 Clock = CLKM / 1 00001 TIMER2 Clock = CLKM / 2 00010 TIMER2 Clock = CLKM / 4 1 00011 TIMER2 Clock = CLKM / 8 00100 TIMER2 Clock = CLKM / 16 00101 TIMER2 Clock = CLKM / 32 00110 TIMER2 Clock = CLKM / 64 2 00111 TIMER2 Clock = CLKM / 128 01000 TIMER2 Clock = CLKM / 256 01001 TIMER2 Clock = CLKM / 512 3 01010 TIMER2 Clock = CLKM /1024 01011 TIMER2 Clock = CLKM/ 2048 01100 TIMER2 Clock = CLKM/ 4096 4 01101 TIMER2 Clock = CLKM/ 8192 01110 TIMER2 Clock= CLKM/16384 01111 TIMER2 Clock =CLKM/32768 10000 TIMER2 Clock =CLKM/65536 5 TMRW2 0 TIMER2OUT Waveform equal to pulse wave 1 TIMER2OUT Waveform equal to square wave 6 - - - not used 7 - - - not used D7 D6 D5 D4 D3 D2 D1 D0 PRESC2: Timer 2 Prescaler TMRW2: TIMER2OUT waveform not used REG_CONF 11 TIMER 2 |