Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52T430K2 Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce ST52T430K2
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K2 Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button ST52T430K2 Datasheet HTML 54Page - STMicroelectronics ST52T430K2 Datasheet HTML 55Page - STMicroelectronics ST52T430K2 Datasheet HTML 56Page - STMicroelectronics ST52T430K2 Datasheet HTML 57Page - STMicroelectronics ST52T430K2 Datasheet HTML 58Page - STMicroelectronics ST52T430K2 Datasheet HTML 59Page - STMicroelectronics ST52T430K2 Datasheet HTML 60Page - STMicroelectronics ST52T430K2 Datasheet HTML 61Page - STMicroelectronics ST52T430K2 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
ST52T430/E430
58/88
Figure 10.9 Configuration Register 9
Table 10.5 Config. Register 9 Description
Bit
Name
Value
Description
0
PRESC1
00000
TIMER1 Clock = CLKM / 1
00001
TIMER1 Clock = CLKM / 2
00010
TIMER1 Clock = CLKM / 4
00011
TIMER1 Clock = CLKM / 8
1
00100
TIMER1 Clock = CLKM / 16
00101
TIMER1 Clock = CLKM / 32
00110
TIMER1 Clock = CLKM / 64
2
00111
TIMER1 Clock = CLKM / 128
01000
TIMER1 Clock = CLKM / 256
01001
TIMER1 Clock = CLKM / 512
3
01010
TIMER1 Clock =CLKM / 1024
01011
TIMER1 Clock =CLKM / 2048
01100
TIMER1 Clock =CLKM / 4096
4
01101
TIMER1 Clock =CLKM / 8192
01110
TIMER1 Clock =CLKM/16384
01111
TIMER1 Clock=CLKM /32768
10000
TIMER1 Clock=CLKM /65536
5
TMRW1
0
TIMER1OUT Waveform equal to pulse wave
1
TIMER1OUT Waveform equal to square wave
6
-
-
- not used
7
-
-
- not used
D7 D6 D5 D4 D3 D2 D1 D0
PRESC1: Timer 1 Prescaler
TMRW1: TIMER1OUT waveform
not used
REG_CONF 9
TIMER 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88