Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52T430K1 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce ST52T430K1
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K1 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button ST52T430K1 Datasheet HTML 53Page - STMicroelectronics ST52T430K1 Datasheet HTML 54Page - STMicroelectronics ST52T430K1 Datasheet HTML 55Page - STMicroelectronics ST52T430K1 Datasheet HTML 56Page - STMicroelectronics ST52T430K1 Datasheet HTML 57Page - STMicroelectronics ST52T430K1 Datasheet HTML 58Page - STMicroelectronics ST52T430K1 Datasheet HTML 59Page - STMicroelectronics ST52T430K1 Datasheet HTML 60Page - STMicroelectronics ST52T430K1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
ST52T430/E430
57/88
Figure 10.8 Configuration Register 8
Table 10.4 Config. Register 8 Description
Bit
Name
Value
Description
0
TIRST1
0
PWM/TIMER 1 Internal RESET
1
PWM/TIMER 1 Internal SET
1
-
-
- not used
2
TISTR1
0
PWM/TIMER 1 Internal STOP
1
PWM/TIMER 1 Internal START
3
-
-
- not used
4
INTE1
00
TIMER1 Interrupt on
TIMER1OUT Falling Edge
01
TIMER1 Interrupt on
TIMER1OUT Rising Edge
5
10
TIMER1 Interrupt on Both Edges of TIMER1OUT
11
- not used
6
INTSL1
0
TIMER1 Interrupt on Counter Stop
1
TIMER1 Interrupt on
TIMER1OUT
7
T1MODE
0
TIMER MODE
1
PWM MODE
D7 D6 D5 D4 D3 D2 D1 D0
TIRST1: Timer 1 RESET
- not used
TISTR1: Timer 1 START
- not used
INTE1: Timer 1 Interrupt on TIMER1OUT Rising/Falling Edge
INTSL1: Timer 1 Interrupt Source selection
T1MODE: Timer 1 working mode
REG_CONF 8
TIMER 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88