Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52T430K1 Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce ST52T430K1
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K1 Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button ST52T430K1 Datasheet HTML 58Page - STMicroelectronics ST52T430K1 Datasheet HTML 59Page - STMicroelectronics ST52T430K1 Datasheet HTML 60Page - STMicroelectronics ST52T430K1 Datasheet HTML 61Page - STMicroelectronics ST52T430K1 Datasheet HTML 62Page - STMicroelectronics ST52T430K1 Datasheet HTML 63Page - STMicroelectronics ST52T430K1 Datasheet HTML 64Page - STMicroelectronics ST52T430K1 Datasheet HTML 65Page - STMicroelectronics ST52T430K1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
ST52T430/E430
62/88
Figure 10.13 Configuration Register 16
Table 10.9 Config. Register 16 Description
Bit
Name
Value
Description
0
PC1
1
Pin T0OUT/PC1 equal to PORT C Digital I/O
0
Pin T0OUT/PC1 equal to T0OUT
1
PC2
1
Pin T1OUT/PC2 equal to PORT C Digital I/O
0
Pin T1OUT/PC2 equal to T1OUT
2
PC3
1
Pin T2OUT/PC3 equal to PORT C Digital I/O
0
Pin T2OUT/PC3 equal to T2OUT
3
PC4
1
Pin Tx/PC4 is configured as Port C Digital I/O
0
Pin Tx/PC4 is configured as SCI output Tx
4-7
-
-
- not used
D7 D6 D5 D4 D3 D2 D1 D0
P C 1: P in T 0 O U T /P C 1setting
no t used
R E G _CO NF 16
DIG ITA L P O RT
PC 2: Pin T1 O U T /P C 2 se tting
PC 3: Pin T2 O U T /P C 3 se tting
PC 4: Pin Tx/PC 4 se tting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88