Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1545 Fiches technique(PDF) 33 Page - ams AG

No de pièce AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Fiches technique(HTML) 33 Page - ams AG

Back Button AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG AS1545 Datasheet HTML 29Page - ams AG AS1545 Datasheet HTML 30Page - ams AG AS1545 Datasheet HTML 31Page - ams AG AS1545 Datasheet HTML 32Page - ams AG AS1545 Datasheet HTML 33Page - ams AG AS1545 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
33 - 34
AS1545
Data Sheet - O r d e r i n g I n f o r m a t i o n
13 Ordering Information
The device is available as the standard products shown in Table 9.
Table 9. Ordering Information
Model
Description
Marking
Delivery Form
Package
AS1545-BQFT
Dual, 12-Bit, 1MSPS, SAR ADC
AS1545
T&R
32-lead TQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34