| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1545 Fiches technique(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1545 Fiches technique(HTML) 22 Page - ams AG |
|
22 / 34 page ![]() www.austriamicrosystems.com Revision 1.00 22 - 34 AS1545 Data Sheet - D e t a i l e d D e s c r i p t i o n Figure 38. Definition of Fully Differential Input Pseudo Differential Mode The AS1545 consists of six pseudo differential pairs. In pseudo differential mode, AIN+ is connected to the signal source with an amplitude of VREF or 2 × VREF (depending on the range selected) to make use of the full dynamic range of the part. A dc input is applied to the AIN- pin. The voltage applied to this input provides an offset from ground or a pseudo ground for the AIN+ input. The benefit of pseudo differential inputs is that they separate the analog input signal ground from the ADC’s ground allowing dc common-mode voltages to be cancelled. Figure 39 shows a connection diagram for pseudo differential mode. Figure 39. Pseudo Differential Mode Connection Diagram Figure 40. Definition of Pseudo Differential Input VCM AIN+ AIN- ±VREF/2 0 < VCM < VDD 0 < AIN-, AIN+ < VDD VCM AIN+ AIN- ±VREF 0 < VCM < VDD 0 < AIN-, AIN+ < VDD RANGE = 0 RANGE = 1 VIN VIN tt + - VIN+ 4.7µF DC Input Voltage VIN- REFA/ REFB AS1545 VREF p-p AIN- + VREF AIN+ AIN- 0 < AIN-, AIN+ < VDD 0 < AIN-, AIN+ < VDD RANGE = 0 RANGE = 1 AIN- + 2VREF AIN+ AIN- VREF VIN VIN tt 2VREF |