Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST40RA166XH6 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 81Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 82Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 83Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 84Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 85Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 86Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 87Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 88Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
A Interconnect architecture
ST40RA
85/94
STMicroelectronics
ADCS 7260755H
A.2.5
Peripheral arbiter
PCI_LATENCY_EMPI
PCI arbiter: EMPI intitiator priority and latency
0x328
[3:0]
EMPI_PRIORITY
Defines priority for EMPI
Reset: 0x2
RW
[15:4]
Reserved
[23:16]
EMPI_LATENCY
Defines maximum accepted latency for EMPI
Reset: 0x00
RW
[31:24]
Reserved
PCI_LATENCY_GPDMA
PCI arbiter: GPDMA intitiator priority and latency
0x330
[3:0]
GPDMA_PRIORITY
Defines priority for GPDMA
Reset: 0x1
RW
[15:4]
Reserved
[23:16]
GPDMA_LATENCY
Defines maximum accepted latency for GPDMA
Reset: 0x00
RW
[31:24]
Reserved
LATENCY_PER_ENABLE
Peripheral arbiter: enable latency counters
0x410
0
Reserved
Reset: Always 0
1
ENABLE_PCI
Enable latency check for PCI
Reset: 0
RW
2
ENABLE_EMPI
Enable latency check for EMPI
Reset: 0
RW
3
ENABLE_GPDMA
Enable latency check for GPDMA
Reset: 0
RW
[31:4]
Reserved
Reset: Always 0
PER_CPU_PRI
Peripheral arbiter: CPU priority
0x418
[3:0]
CPU_PRIORITY
Defines priority for CPU
Reset: 0x3
RW
[31:4]
Reserved
PER_LATENCY_PCI
Peripheral arbiter: PCI intitiator priority and latency
0x420
[3:0]
PCI_PRIORITY
Defines priority for PCI
Reset: 0x2
RW
[15:4]
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94