Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST40RA166XH6 Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce ST40RA166XH6
Description  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 67Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 68Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 69Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 70Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 71Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 72Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 73Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 74Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
8 Pin description
ST40RA
71/94
STMicroelectronics
ADCS 7260755H
VDDLMI
J6
VDDLMI
VDDIO
K6
VDDIO
VDDLMI
L6
VDDLMI
VDDIO
F7
VDDIO
VDDLMI
F8
VDDLMI
VDDIO
F9
VDDIO
VDDIO
E10
VDDIO
VDDLMI
F10
VDDLMI
VDDIO
F11
VDDIO
VDDIO
F12
VDDIO
VDDIO
F13
VDDIO
VDDLMI
F14
VDDLMI
VDDLMI
F15
VDDLMI
VDDIO
G15
VDDIO
VDDIO
H15
VDDIO
VDDIO
J15
VDDIO
VDDIO
K15
VDDIO
VDDIO
L15
VDDIO
VDDIO
L16
VDDIO
Pin name
Loc
Architecture
signal name
Pin function
Pin
Default
Alternate
Type
Dir
Table 35: PBGA ballout for ST40RA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94