Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST486DX Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce ST486DX
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486DX Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button ST486DX Datasheet HTML 24Page - STMicroelectronics ST486DX Datasheet HTML 25Page - STMicroelectronics ST486DX Datasheet HTML 26Page - STMicroelectronics ST486DX Datasheet HTML 27Page - STMicroelectronics ST486DX Datasheet HTML 28Page - STMicroelectronics ST486DX Datasheet HTML 29Page - STMicroelectronics ST486DX Datasheet HTML 30Page - STMicroelectronics ST486DX Datasheet HTML 31Page - STMicroelectronics ST486DX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
3.10
Testing and Debugging SMM Code
An SMI routine can be debugged with standard debugging tools (such as DOS DEBUG) if the
following requirements are met:
1. The debugger will only be able to set a code break point using INT 3 outside of the SMI han-
dler. The debug control register DR7 is set to the reset value upon entry to the SMI handler.
Therefore, any break conditions in DR0-3 will be disabled after entry to SMM. Debug regis-
ters can be used if set after entry to the SMI handler and DR0-3 are saved.
2. The debugger needs to be running in real mode and the SMM routine can not enter protected
mode. This insures that normal system interrupts, BIOS calls and the debugger will work
correctly from SMM mode.
3. Before an INT 3 break point is executed, all segment registers should have their limits modi-
fied to 64K, or larger, within the SMM routine.
ST486DX - SMM SOFTWARE CONSIDERATIONS
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34