Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM77950 Fiches technique(PDF) 13 Page - ELAN Microelectronics Corp

No de pièce EM77950
Description  BB Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM77950 Fiches technique(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM77950 Datasheet HTML 9Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 10Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 11Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 12Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 13Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 14Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 15Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 16Page - ELAN Microelectronics Corp EM77950 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
EM77950
BB Controller
Product Specification (V1.0) 10.09.2007
• 5
(This specification is subject to change without further notice)
E M 77950B
AV D D
1
2
3
4
DVD D
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
PC1/SD0
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
PB 0/KW U0
PB 1/KW U1
PB 2/KW U2
PB 3/KW U3
RF _A CT
TX R X
RFIO
DVSS
PC 0/S D I
PE 3/AD C B
PE2 /ADCA
PE 1/AD C 9
PE 0/AD C 8
Vref
PD7/ADC7
PD6/ADC6
PD5/ADC5
PD4/ADC4
PD3/ADC3
Fig. 3-2 Pins Configuration of EM77950B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More