| Moteur de recherche de fiches techniques de composants électroniques |
|
EM77950 Fiches technique(PDF) 21 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM77950 Fiches technique(HTML) 21 Page - ELAN Microelectronics Corp |
|
21 / 102 page ![]() EM77950 BB Controller Product Specification (V1.0) 10.09.2007 • 13 (This specification is subject to change without further notice) Addr Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Full Name Indirect Addressing Pointer 0 Bit Name IAP07 IAP06 IAP05 IAP04 IAP03 IAP02 IAP01 IAP00 Read / Write (R/W) R/W R/W R/W R/W R/W R/W R/W R/W Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x06 IAP0 Wake-up from Int P P P P P P P P Full Name RAM Bank Selector 1 Bit Name - - - - - RBS12 RBS11 RBS10 Read / Write (R/W) - - - - - R/W R/W R/W Power-on - - - - - 0 0 0 /RESET and WDT - - - - - 0 0 0 0x07 RAMBS1 Wake-up from Int - - - - - P P P Full Name Indirect Addressing Pointer 1 Bit Name IAP17 IAP16 IAP15 IAP14 IAP13 IAP12 IAP11 IAP10 Read / Write (R/W) R/W R/W R/W R/W R/W R/W R/W R/W Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x08 IAP1 Wake-up from Int P P P P P P P P Full Name Indirect Addressing Contents 1 Bit Name IAC17 IAC16 IAC15 IAC14 IAC13 IAC12 IAC11 IAC10 Read / Write (R/W) R/W R/W R/W R/W R/W R/W R/W R/W Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x09 IAC1 Wake-up from Int P P P P P P P P Full Name Indirect Address Pointer Direction Control Register Bit Name - - - - IAP1_D IAP0_D IAP1_D_E IAP0_D_E Read / Write (R/W) - - - - R/W R/W R/W R/W Power-on - - - - 0 0 0 0 /RESET and WDT - - - - 0 0 0 0 0x0A IAPDR Wake-up from Int - - - - P P P P Full Name Least Significant Byte of Table Look-up Bit Name TBL7 TBL6 TBL5 TBL4 TBL3 TBL2 TBL1 TBL0 Read / Write (R/W) R/W R/W R/W R/W R/W R/W R/W R/W Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x0B LTBL Wake-up from Int P P P P P P P P |