Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST24LC21 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce ST24LC21
Description  1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LC21 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button ST24LC21 Datasheet HTML 10Page - STMicroelectronics ST24LC21 Datasheet HTML 11Page - STMicroelectronics ST24LC21 Datasheet HTML 12Page - STMicroelectronics ST24LC21 Datasheet HTML 13Page - STMicroelectronics ST24LC21 Datasheet HTML 14Page - STMicroelectronics ST24LC21 Datasheet HTML 15Page - STMicroelectronics ST24LC21 Datasheet HTML 16Page - STMicroelectronics ST24LC21 Datasheet HTML 17Page - STMicroelectronics ST24LC21 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SO-a
E
N
CP
B
e
A
D
C
L
A1
α
1
H
h x 45˚
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0
°
8
°
0
°
8
°
N8
8
CP
0.10
0.004
SO8
Drawing is not to scale
SO8 - 8 lead Plastic Small Outline, 150 mils body width
17/18
ST24LC21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18