Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST24LC21 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce ST24LC21
Description  1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24LC21 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button ST24LC21 Datasheet HTML 10Page - STMicroelectronics ST24LC21 Datasheet HTML 11Page - STMicroelectronics ST24LC21 Datasheet HTML 12Page - STMicroelectronics ST24LC21 Datasheet HTML 13Page - STMicroelectronics ST24LC21 Datasheet HTML 14Page - STMicroelectronics ST24LC21 Datasheet HTML 15Page - STMicroelectronics ST24LC21 Datasheet HTML 16Page - STMicroelectronics ST24LC21 Datasheet HTML 17Page - STMicroelectronics ST24LC21 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Package
B
PSDIP8
0.25mm Frame
MSO8
Temperature Range
1
0 to 70
°C
Option
TR
Tape & Reel
Packing
Example:
ST24LC21
M
1
TR
ORDERING INFORMATION SCHEME
Devices are shipped from the factory with the memory content set at all "1’s" (FFh).
For a list of available options (Package, etc...) or for further information on any aspect of this device, please
contact the SGS-THOMSON Sales Office nearest to you.
15/18
ST24LC21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18