Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-SWC Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce ST20-SWC
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button ST20-SWC Datasheet HTML 13Page - STMicroelectronics ST20-SWC Datasheet HTML 14Page - STMicroelectronics ST20-SWC Datasheet HTML 15Page - STMicroelectronics ST20-SWC Datasheet HTML 16Page - STMicroelectronics ST20-SWC Datasheet HTML 17Page - STMicroelectronics ST20-SWC Datasheet HTML 18Page - STMicroelectronics ST20-SWC Datasheet HTML 19Page - STMicroelectronics ST20-SWC Datasheet HTML 20Page - STMicroelectronics ST20-SWC Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ST20–SWC
20/21
6.4.2
PC Toolset
The PC ST20 Toolset will run on an IBM 386 PC or IBM 486 PC or compatible, running MS-DOS 5.0
or compatible. To support the graphical user interface, the environment must include Microsoft
Windows 3.1.
The PC Toolset is designed to operate in conjunction with any of the following hardware development
systems or compatible hardware:
a ST20 Evaluation Board using the PC parallel port;
a ST20450 Development Board and a PC parallel port interface;
an Ethernet connection to an IMS B300 Ethernet Gateway and ST20 development hardware,
such as a ST20450 Development Board.
6.5
Distribution media
Sun-4 software is distributed on 60 Mbyte QIC-24 1/4 inch data cartridges, in tar format. PC software
is distributed on 3.5 inch high density (1.44 Mbyte) diskettes.
7
Support
ST20 development products are supported worldwide through SGS-THOMSON Sales Offices,
Regional Technology Centers, and authorized distributors.
8
Ordering Information
Description
Order number
ST20 Toolset for 386 PC.
ST20–SWC/PC
ST20 Toolset for Sun 4.
ST20–SWC/SUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21