Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-SWC Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce ST20-SWC
Description  ST20 software development and debugging tools
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button ST20-SWC Datasheet HTML 4Page - STMicroelectronics ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics ST20-SWC Datasheet HTML 7Page - STMicroelectronics ST20-SWC Datasheet HTML 8Page - STMicroelectronics ST20-SWC Datasheet HTML 9Page - STMicroelectronics ST20-SWC Datasheet HTML 10Page - STMicroelectronics ST20-SWC Datasheet HTML 11Page - STMicroelectronics ST20-SWC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ST20–SWC
8/21
interface of the ST20450. This code is either downloaded from the host using the hardware serial link
using the host server or is incorporated into a ROM using the EPROM programming tool.
For an ST20 variant with a memory interface different from the ST20450, example bootstrap code
is provided.
2.3.9
Interrupt and trap handling
Library support is supplied for trap handlers and ST20450 interrupt handlers. This allows trap
handlers and ST20450 interrupt handlers to be written in C which will use the on-chip trap handling
and interrupt handling support. Interrupt handlers for other ST20 variants may be based on the
provided libraries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21