Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-SWC Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce ST20-SWC
Description  C preprocessor for ST20 and T4/T8 transputers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-SWC Fiches technique(HTML) 3 Page - STMicroelectronics

  ST20-SWC Datasheet HTML 1Page - STMicroelectronics ST20-SWC Datasheet HTML 2Page - STMicroelectronics ST20-SWC Datasheet HTML 3Page - STMicroelectronics ST20-SWC Datasheet HTML 4Page - STMicroelectronics ST20-SWC Datasheet HTML 5Page - STMicroelectronics ST20-SWC Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST20–SWC++ Preprocessor
3/6
1.2
Use with the ANSI C toolset
The following capabilities of the ANSI C toolset can be used from C++:
Target processor support library, including functions for using the hardware micro-kernel.
Multiprocessor configuration tools, for building programs to run on networks of IMS
T4xx/T8xx transputers.
2
C++ Product Components
2.1
Documentation
User guide, describing how to use the Preprocessor;
Product reference manual, describing this implementation of the C++ language;
Library manual, describing the C++ class libraries supplied;
Selected readings, consisting of technical memoranda on the C++ language;
Handbook, which is a quick reference guide;
Master index;
Delivery manual, which includes an installation guide and host-specific information;
Release notes, which give details of this release.
2.2
Software tools
In normal usage only the C++ driver will be called directly by a user, which calls the other tools as
required.
iccxx C++ compilation driver
igcpp C++ preprocessor
icfxx C++ compiler
imxx C++ constructor linker
ifxx C++ debug information filter
Template instantiation set:
*
ptcomp
Instantiation compile-time action
*
ptlink
Instantiation link-time action
*
tool1, tool2 Template repository tools
2.3
Software Libraries
libcxx.lib C++ iostream and C++ run-time support library
libcplx.lib C++ complex mathematics class library



Html Pages

1 2 3 4 5 6