| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-SWC Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-SWC Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() The information in this datasheet is subject to change 42 1661 01 September 1996 1/6 .cxx .lib Code files Libraries C++ C toolset FEATURES C++ cross-development for IBM PC and Sun 4 hosts. Conformance with the C++ 3.0 specification. Support for hardware run-time kernel via ANSI C libraries. Support for ST20 processors and T4/T8 transputers. Interactive symbolic debugging. Post-mortem symbolic debugging. Support for EPROM programming. Consistent tools across PC and Sun 4 hosts. APPLICATIONS Embedded systems (both single and multiple processors). Porting of existing software and packages. Evaluation of ST20 and transputer processors. Scientific programming. C++ PREPROCESSOR ST20-SWC++ C++ preprocessor for ST20 and T4/T8 transputers PRODUCT INFORMATION |
Numéro de pièce similaire - ST20-SWC |
|
Description similaire - ST20-SWC |