| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-C1 Fiches technique(PDF) 197 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Fiches technique(HTML) 197 Page - STMicroelectronics |
|
197 / 205 page ![]() 197/205 Index ® Index Symbols + (plus) , 11 .. (ellipsis) , 9 / (divide) , 11 < (less than) , 11 = (equals) , 11 > (greater than) , 11 >> (logical shift right) , 11 @ (word offset) , 10 { } (braces) , 13 ′ (prime), 10 ≤ (less than or equal to), 11 ≥ (greater than or equal to), 11 ≠ (is not equal to), 11 Numerics 16-bit , 32 assignment , 35 load , 31, 124 signed , 31, 125 multiply , 146 multiply accumulate , 56, 143, 144 sign extension , 40, 167 store , 31, 147 A active , 78, 187 adc , 36, 88 add , 36, 89 constant , 36, 88 with carry , 38, 90 addc , 38, 90 address , 187 calculation , 10, 41–43 load local , 41 load non-local , 41 space , 18, 187 subscript , 41 addressing , 16 adjust work space , 91 ajw , 48, 91 alignment , 18 and bitwise , 11, 47 boolean , 11, 46 instruction , 92 anti-rotate stack , 30, 93 architecture , 16–28 Areg , 20, 21, 30, 187 arithmetic , 35–40 add , 89 boolean , 45–47 divide , 102 modulo , 11 multiply accumulate , 56–67 saturated , 138 shift , 187 shift right , 94 subtract , 155 subtract with carry , 156 unchecked , 11 unsign , 162 arot , 30, 93 arrays , 41, 187 word subscript , 164 ashr , 48, 94 assignment byte , 35 single word , 35 B biquad , 56, 58, 95 bit , 187 load , 47, 96 mask , 47 read modify write , 47, 135 store , 47, 98 bitld , 47, 96 bitmask , 47, 52, 97 BitsPerWord , 172 bitst , 47, 98 bitwise , 187 and , 11 exclusive or , 166 not , 11, 130 operations , 47 or , 11, 131 xor , 11 block copy , 31, 33 load , 126 store , 158 boolean , 187 expressions , 45–47 branch , 43, 100 breakpoint , 71, 99 trap , 71 Breg , 20, 21, 30, 187 buffer size multiply accumulate , 57 byte , 32, 187 addressing , 19 |