Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-C1 Fiches technique(PDF) 192 Page - STMicroelectronics

No de pièce ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Fiches technique(HTML) 192 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 188Page - STMicroelectronics ST20-C1 Datasheet HTML 189Page - STMicroelectronics ST20-C1 Datasheet HTML 190Page - STMicroelectronics ST20-C1 Datasheet HTML 191Page - STMicroelectronics ST20-C1 Datasheet HTML 192Page - STMicroelectronics ST20-C1 Datasheet HTML 193Page - STMicroelectronics ST20-C1 Datasheet HTML 194Page - STMicroelectronics ST20-C1 Datasheet HTML 195Page - STMicroelectronics ST20-C1 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 205 page
background image
192/205
®
Pointer
An
address.
Prefix
An
instruction component used to extend the data value of the following instruction
component. There are two prefixes -
pfix (function code #2) which preserves the
sign and
nfix (function code #6) which complements the data value and so
changes the sign.
Primary instruction
One of thirteen directly coded instructions which therefore do not require an
operate instruction component. A primary instruction has a data part associated
with it, called the operand.
cf. secondary instruction.
Priority
A value associated with each process or interrupt which is used to make choices
when conflicts occur .
Procedure
A named section of code which may have parameters.
Process
A sequential algorithm and data which can run in parallel with other
processes.Processes are also known as tasks or threads. Each process is identi-
fied b y a task descriptor which points to a process descriptor block.
Process descriptor block
A data structure defining a
process, including the saved instruction pointer,
workspace pointer and a link used for queueing processes.
Process pointer
A pointer to a
process.
Queue
A linked list.
Real time operating system
An
operating system providing facilities for real-time programming, including multi-
tasking and interrupt handling.
Register cache
Registers used to
cache the lowest words of the work space in order to accelerate
access to local variables. Also called
work space cache or register file.
Register file
See
register cache.
RTOS
Real-time operating system.
Scheduler
Code or hardware which controls how processes share CPU time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More