Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-C1 Fiches technique(PDF) 156 Page - STMicroelectronics

No de pièce ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Fiches technique(HTML) 156 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 152Page - STMicroelectronics ST20-C1 Datasheet HTML 153Page - STMicroelectronics ST20-C1 Datasheet HTML 154Page - STMicroelectronics ST20-C1 Datasheet HTML 155Page - STMicroelectronics ST20-C1 Datasheet HTML 156Page - STMicroelectronics ST20-C1 Datasheet HTML 157Page - STMicroelectronics ST20-C1 Datasheet HTML 158Page - STMicroelectronics ST20-C1 Datasheet HTML 159Page - STMicroelectronics ST20-C1 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 205 page
background image
156/205
®
subc
subtract with carry
Code: 21 F1
Description: Subtract Areg from Breg, unsigned with carry propagation. This
instruction is provided for long arithmetic; address calculations may be performed with
add, sub and adc without affecting the carry flag.
Definition:
if ( diff
≥ 0)
{
Areg
′
unsigned
← diff
Status
′
carry
← clear
}
else
{
Areg
′
unsigned
← diff + 2BitsPerWord
Status
′
carry
← set
}
Breg
′← Creg
Creg
′← Areg
where
diff
= (Breg
unsigned − Aregunsigned) - Statuscarry
– the value of diff is calculated to unlimited precision
Status Register:
Carry bit is set or cleared.
Comments:
Secondar y instruction.
See also:
addc sub
section 4.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More