| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-C1 Fiches technique(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Fiches technique(HTML) 127 Page - STMicroelectronics |
|
127 / 205 page ![]() 127/205 8 Instruction Set Reference ® mac multiply accumulate Code: 21 F2 Description: Multiply Areg and Breg, and add in Creg. The most significant word of the result is placed in Breg and the least significant in Areg. This can be used in forming the double length product of Areg and Breg, with Creg as carry in, treating the Areg and Breg values as signed but Creg as unsigned. Definition: Areg ′← low_word (accum64) Breg ′← high_word (accum64) Creg ′← Areg where accum64 = (Breg × Areg) + Creg unsigned – the value of accum64 is calculated as a 64-bit value Status Register: No effect Comments: Secondary instruction. See also: ldiv mul umac Chapter 5 . |