| Moteur de recherche de fiches techniques de composants électroniques |
|
ST20-C1 Fiches technique(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Fiches technique(HTML) 122 Page - STMicroelectronics |
|
122 / 205 page ![]() 122/205 ® ldprodid load product identity Code: 23 FC Description: Load a value indicating the product identity into Areg. Each product in the ST20 family has a unique product identity code. Definition: Areg ′← ProductId Breg ′← Areg Creg ′← Breg Status Register: No effect Comments: Secondar y instruction. Different ST20 products may use the same processor type, but return different product identity codes. However a product identity code uniquely defines the processor type used in that product. For specific product identities in the ST20 family refer to SGS-THOMSON. See also: section 4.2. |