Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-C1 Fiches technique(PDF) 112 Page - STMicroelectronics

No de pièce ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Fiches technique(HTML) 112 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 108Page - STMicroelectronics ST20-C1 Datasheet HTML 109Page - STMicroelectronics ST20-C1 Datasheet HTML 110Page - STMicroelectronics ST20-C1 Datasheet HTML 111Page - STMicroelectronics ST20-C1 Datasheet HTML 112Page - STMicroelectronics ST20-C1 Datasheet HTML 113Page - STMicroelectronics ST20-C1 Datasheet HTML 114Page - STMicroelectronics ST20-C1 Datasheet HTML 115Page - STMicroelectronics ST20-C1 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 205 page
background image
112/205
®
io
input/output
Code: 23 FD
Description: Set, clear and test bits of the IO register. The bits set in the least
significant half word of Breg are cleared in the IO register and then the bits set in the
least significant half word of Areg are set in the IO register. The initial IO register is
copied into the Areg.
Definition:
IOreg
′← (IOreg ∧ (~Breg ∨ #FFFF0000)) ∨ (Areg ∧ #FFFF)
Areg
′← IOreg
Breg
′← Creg
Creg
′← Areg
Status Register:
No effect
Comments:
Secondar y instruction.
Some bits of the IO register may be reserved in some variants. See the datasheet
for the variant.
See also:
bitmask
section 4.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More