Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST20-C1 Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 100Page - STMicroelectronics ST20-C1 Datasheet HTML 101Page - STMicroelectronics ST20-C1 Datasheet HTML 102Page - STMicroelectronics ST20-C1 Datasheet HTML 103Page - STMicroelectronics ST20-C1 Datasheet HTML 104Page - STMicroelectronics ST20-C1 Datasheet HTML 105Page - STMicroelectronics ST20-C1 Datasheet HTML 106Page - STMicroelectronics ST20-C1 Datasheet HTML 107Page - STMicroelectronics ST20-C1 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 205 page
background image
104/205
®
ecall
exception call
Code: 23 F1
Description: Take a trap with exception level indicated by Areg. This instruction can
be used to implement system calls to an operating system.
Definition:
Areg
′← Breg
Breg
′← Creg
Creg
′← Areg
if (trap level Areg is installed)
take trap level Areg
Status Register:
The status register is saved and a new status register with set values is loaded.
Comments:
Secondar y instruction.
Areg must be in the range
LowestException to HighestException.
The exception type must be
ExceptionProcessType.
See also:
eret
Chapter 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More