Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SE1. Fiches technique(PDF) 10 Page - Honeywell Solid State Electronics Center

No de pièce 1SE1.
Description  Miniature Sealed Basic Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1SE1. Fiches technique(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 1SE1. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 sensing.honeywell.com
SE and XE Series
PRODUCT AND ACTUATOR DIMENSIONS
Figure 1. MICRO SWITCH™ SE Dimensions, Wire Lead
Figure 3. MICRO SWITCH™ XE Dimensions, Wire Lead
Figure 2. MICRO SWITCH™ SE Dimensions, Solder Terminal
Figure 4. MICRO SWITCH™ XE Dimensions, Solder Terminal
6,9 [0.27]
Elastomer
plunger seal
Ø 2,3 [Ø 0.088]
8,38 [0.33]
7,5 [0.296]
Corrosion-resistant
steel plunger
1,27 [0.05] max.
pretravel
2,3 [0.088]
Corrosion-resistant
treated metal
enclosure
3,56 [0.14]
Ø 2,5 [Ø 0.098]
10,8 [0.425]
operating
position
22,25 [0.876]
9,53 [0.375]
6,35 [0.25]
8,79 [0.346]
Ø 1,98 [Ø 0.078]
R 1,78 [0.07] spherical
850,9 [33.5] min.
12,29 [0.484]
No. 20 wire lead per
MIL-W-22759/11
embedded in epoxy
casting resin
9,5 [0.38]
6,9 [0.27]
Elastomer
plunger seal
Ø 2,3 [Ø 0.088]
8,38 [0.33]
7,5 [0.296]
Corrosion-resistant
steel plunger
1,27 [0.05] max.
pretravel
2,3 [0.088]
Corrosion-resistant
treated metal
enclosure
Ø 2,5 [Ø 0.098]
10,8 [0.425]
operating
position
22,25 [0.876]
9,53 [0.375]
6,35 [0.25]
8,79 [0.346]
Ø 1,98 [Ø 0.078]
R 1,78 [0.07] spherical
22,35 [0.88]
9,5 [0.38]
10,8 [0.425]
operating
position
6,9 [0.27]
1,27 [0.05] max.
pretravel
R 1,78 [0.07]
spherical
Elastomer
plunger seal
Corrosion-resistant
treated metal enclosure
Corrosion-resistant steel plunger
15,65 [0.616]
8,03 [0.316]
Ø 1,52 [Ø 0.06]
8,38 [0.33]
4,78 [0.188]
4,78 [0.188]
Elongated
mounting
hole
Ø 2,31[Ø 0.091] max.
mounting hole
5,44 [0.214]
10,8 [0.425]
operating
position
6,9 [0.27]
1,27 [0.05] max.
pretravel
R 1,78 [0.07] spherical
Elastomer
plunger seal
Corrosion-resistant
treated metal enclosure
Corrosion-resistant steel plunger
15,65 [0.616]
8,03 [0.316]
Ø 1,52 [Ø 0.06]
8,38 [0.33]
4,78 [0.188]
4,78 [0.188]
Elongated
mounting
hole
Ø 2,31[Ø 0.091] max.
mounting hole
5,44 [0.214]
304,8 [12.0] min.
No. 22 wire lead per M22759/11
embedded in epoxy casting resin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14