Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SE1. Fiches technique(PDF) 7 Page - Honeywell Solid State Electronics Center

No de pièce 1SE1.
Description  Miniature Sealed Basic Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1SE1. Fiches technique(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 1SE1. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1SE1. Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Miniature Sealed Basic Switches
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ SE PRODUCT SPECIFICATIONS AND LISTINGS
Contact your Honeywell rep or distributor for additional listings
Catalog
Listing
Elect.
Rating
Spec.
(page 5)
Contacts
Termin-
ation
mm [in]
O.F.
g [oz]
R.F.
min.
g [oz]
P.T. max.
mm
[inches]
O.T. min.
mm
[inches]
D.T.
max.
mm
[inches]
O.P.
nom.
mm
[inches]
Comment
(see Figure 1)
1SE1
A
SPDT
Wire
leads (3)
305 [12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
General
purpose
1SE2
A
SPST,
NC
Wire
leads (2)
305 [12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Single circuit
only
1SE3
A
SPST,
NO
Wire
leads (2)
305 [12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Single circuit
only
1SE401
F
SPDT
Wire
leads (3)
305 [12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Gold
bifurcated
contacts
4SE1
B
SPDT
Wire
leads (3)
305 [12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
UL, CSA
5SE1
A
SPDT
Wire
leads (3)
305 [12]
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Oil resistant
fluorosilicone
seal
7SE1
A
SPDT
Wire
leads (3)
305 [12]
113 to 227
[4 to 8]
57 [2]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Lower force
(see Figure 2)
1SE1-T
A
SPDT
Solder
pins
142 to 482
[5 to 17]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Solder
terminals
12SE4-T
A
SPDT
Solder
pins
142 to 539
[5 to 19]
113 [4]
1,27
[0.050]
0,08
[0.003]
0,1
[0.004]
10,8
[0.425]
Higher force



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14