Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2591RGVR Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2591RGVR
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVR Fiches technique(HTML) 13 Page - Texas Instruments

Back Button CC2591RGVR Datasheet HTML 9Page - Texas Instruments CC2591RGVR Datasheet HTML 10Page - Texas Instruments CC2591RGVR Datasheet HTML 11Page - Texas Instruments CC2591RGVR Datasheet HTML 12Page - Texas Instruments CC2591RGVR Datasheet HTML 13Page - Texas Instruments CC2591RGVR Datasheet HTML 14Page - Texas Instruments CC2591RGVR Datasheet HTML 15Page - Texas Instruments CC2591RGVR Datasheet HTML 16Page - Texas Instruments CC2591RGVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CC2591RGVR
QFN
RGV
16
2500
330.0
12.4
4.3
4.3
1.5
8.0
12.0
Q2
CC2591RGVT
QFN
RGV
16
250
330.0
12.4
4.3
4.3
1.5
8.0
12.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Jun-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18