Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2591RGVR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CC2591RGVR
Description  2.4-GHz RF Front End
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2591RGVR Fiches technique(HTML) 4 Page - Texas Instruments

  CC2591RGVR Datasheet HTML 1Page - Texas Instruments CC2591RGVR Datasheet HTML 2Page - Texas Instruments CC2591RGVR Datasheet HTML 3Page - Texas Instruments CC2591RGVR Datasheet HTML 4Page - Texas Instruments CC2591RGVR Datasheet HTML 5Page - Texas Instruments CC2591RGVR Datasheet HTML 6Page - Texas Instruments CC2591RGVR Datasheet HTML 7Page - Texas Instruments CC2591RGVR Datasheet HTML 8Page - Texas Instruments CC2591RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DEVICE INFORMATION
AVDD_PA1
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
QFN-16 4x4mm
RF_N
RXTX
RF_P
GND
ANT
GND
AVDD_PA2
CC2591
SWRS070A – MARCH 2008 – REVISED JUNE 2008 ........................................................................................................................................................ www.ti.com
The CC2591 pinout and description are shown in Figure 1 and Table 1, respectively.
PIN AND I/O CONFIGURATION
(TOP VIEW)
Figure 1.
NOTE:
The exposed die attach pad must be connected to a solid ground plane as this is the
primary ground connection for the chip. Inductance in vias to the pad should be
minimized. It is highly recommended to follow the reference layout. Changes will alter
the performance. Also see the PCB landpattern information in this data sheet.
For best performance, minimize the length of the ground vias, by using a 4-layer PCB
with ground plane as layer 2 when CC2591 is mounted onto layer 1.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18