Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTL8211F Fiches technique(PDF) 4 Page - Digilent

No de pièce RTL8211F
Description  Arty Z7 Reference Manual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGILENT [Digilent]
Site Internet  https://digilent.com/
Logo DIGILENT - Digilent

RTL8211F Fiches technique(HTML) 4 Page - Digilent

  RTL8211F Datasheet HTML 1Page - Digilent RTL8211F Datasheet HTML 2Page - Digilent RTL8211F Datasheet HTML 3Page - Digilent RTL8211F Datasheet HTML 4Page - Digilent RTL8211F Datasheet HTML 5Page - Digilent RTL8211F Datasheet HTML 6Page - Digilent RTL8211F Datasheet HTML 7Page - Digilent RTL8211F Datasheet HTML 8Page - Digilent RTL8211F Datasheet HTML 9Page - Digilent Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
EMC Disclaimer, Digilent Development and Evaluation Kits (https://digilent.com/reference/lib/exe/fetch.php?
tok=a2aed5&media=https%3A%2F%2Ffiles.digilent.com%2Fresources%2Fdocuments%2FEMC_DISCLAIMER_DIGILENT_DEVELOPMENT_AND_EVALUATION_KITS.pdf)
ZYNQ Processor
650MHz dual-core Cortex-A9 processor
DDR3 memory controller with 8 DMA channels and 4 High Performance AXI3 Slave ports
High-bandwidth peripheral controllers: 1G Ethernet, USB 2.0, SDIO
Low-bandwidth peripheral controller: SPI, UART, CAN, I2C
Programmable from JTAG, Quad-SPI flash, and microSD card
Programmable logic equivalent to Artix-7 FPGA
Additional Important Documentation:
Features
4/1/25, 7:14 PM
Arty Z7 Reference Manual - Digilent Reference
https://digilent.com/reference/programmable-logic/arty-z7/reference-manual?redirect=1
4/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com