Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTL8211F Fiches technique(PDF) 25 Page - Digilent

No de pièce RTL8211F
Description  Arty Z7 Reference Manual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGILENT [Digilent]
Site Internet  https://digilent.com/
Logo DIGILENT - Digilent

RTL8211F Fiches technique(HTML) 25 Page - Digilent

Back Button RTL8211F Datasheet HTML 21Page - Digilent RTL8211F Datasheet HTML 22Page - Digilent RTL8211F Datasheet HTML 23Page - Digilent RTL8211F Datasheet HTML 24Page - Digilent RTL8211F Datasheet HTML 25Page - Digilent RTL8211F Datasheet HTML 26Page - Digilent RTL8211F Datasheet HTML 27Page - Digilent RTL8211F Datasheet HTML 28Page - Digilent RTL8211F Datasheet HTML 29Page - Digilent Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
On an Ethernet network, each node needs a unique MAC address. The Quad-SPI flash memory is programmed with a 48-bit globally unique EUI-48/64™ compatible
identifier during manufacturing. Due to changes in which flash part is loaded on the Arty Z7, accessing the MAC address differs slightly depending on which revision of
the board you have. For revisions prior to F.0, the MAC address is contained in the one-time-programmable (OTP) region of the Quad-SPI flash. The OTP address range
[0x20;0x25] contains the identifier with the first byte in transmission byte order being at the lowest address. For revisions after and including F.0, the MAC address is
contained in the security registers and needs to be read out using the Read Security Registers (48h) command from the address range [001000h;001005h]. The byte order is
the same as in older revisions, ie. the first byte in transmission byte order is at the lowest address. Refer to the Flash memory datasheet that is associated with the chip
loaded on the board (see the Quad SPI Flash (https://digilent.com/reference/programmable-logic/arty-z7/reference-manual#quad_spi_flash) section for more details) for
information on the commands required to access these memory regions.
For more information on using the Gigabit Ethernet MAC, refer to the
Zynq Technical Reference manual (https://docs.amd.com/r/en-US/ug585-zynq-7000-SoC-TRM).
Differences between the RTL8211E and RTL8211F:
PHYSR1 (PHY Specific Status Register 1) at Page 0xA43, Address 0x1A vs. PHYSR at Address 0x11. Register field layout also differs. Affected functionality
includes auto-negotiated speed, duplex and link detection.
INSR (Interrupt Status Register) at Page 0xA43, Address 0x1D vs. INSR at Address 0x13. Register field layout also differs. Affected functionality is interrupt
detection.
INER (Interrupt Enable Register) power-on defaults to only the PHY Register Accessible Interrupt being enabled vs. all interrupt sources enabled. Interrupt
sources must now be explicitly enabled, if required.
Power-on sequencing requirements changed. The RTL8211F now regulates its own core voltage, as its internal regulator cannot be turned off. The 1.8V I/O voltage
sequencing requirements forced all I/O circuitry in bank 501 (Ethernet, USB, UART, SD) to be separated from the main 1.8V board supply by a load switch. This
I/O supply is now the last in the sequence to power-on. The board power-on reset circuitry required to be changed as well. Power-on now takes more time.
Power-on core logic ready time 100 ms vs. 20 ms. The RTL8211F reserves a 100 ms window after power-on that is not being used for now. The only register access
allowed in this window is Page 0xa46, Reg. 20, bit[1]=1 (PHY Special Config Done), to skip this window and enter normal operating state. Otherwise, the PHY will
do it automatically when the wait period ends. Entering normal operating state is signaled by the ETH_INT ()_B interrupt. This behavior affects only very short
boot time applications, which have been explicitly optimized for this purpose. Such applications must make sure they monitor the PHY interrupt and do not access
any registers other than the one stated above before the Special Config Done even arrives. The typical boot time of a small non-optimized stand-alone application
from the QSPI flash is 86 ms from the de-assertion the PS_POR_B signal. The PS_POR_B delay was increased and the PHY is now taken out of reset ahead of
the Zynq. Therefore, without specific boot time optimizations, the RTL8211F is guaranteed to be ready by the time the software needs it.
Three PHY status LEDs vs. two. The Link and Activity LEDs have been replaced by one LED () for each link speed that integrate link and activity. These are now
labeled “10”, “100”, and “1G”.
Suggested embedded software work-arounds depending on the board support package:
Stand-alone environments are expected to be using Xilinx’s lwip library with built-in PHY support for the RTL8211E. This will need to be replaced by a modified
library that adds support for the RTL8211F. The patched library is published on Digilent’s Github page:
Patched Library
(https://github.com/Digilent/embeddedsw/tree/realtek-21.1)
. It is expected to be upstreamed to Xilinx in a future Vitis version.
If the ETH_INT ()_B interrupt is used in the application, the necessary interrupt sources must now be enabled explicitly.
If the application optimizes boot time, the PHY needs to be initialized by writing Page 0xa46, Reg. 20, bit[1]=1 (PHY Special Config Done).
U-boot and Linux kernel built using Petalinux 2016.1 or later support RTL8211F with no changes necessary.
4/1/25, 7:14 PM
Arty Z7 Reference Manual - Digilent Reference
https://digilent.com/reference/programmable-logic/arty-z7/reference-manual?redirect=1
25/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com