| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE821QTR Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE821QTR Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 55 page ![]() STMPE821 Capacitive touch module registers 37/55 CALIBRATED_IMPEDANCE Calibrated impedance Address: 0x70 - 0x77 Type: R Reset: 0x00 Description: Calibrated impedance is an integral reference value maintained by the device. IMPEDANCE Impedance Address: 0x80 - 0x87 Type: R Reset: 0x00 Description: Impedance is the instantaneous impedance value seen at the input pin of eac cap. sensing pin. 765 432 10 CAL_IMPEDANCE [7:0] CALIBRATED IMPEDANCE: Calibrated reference impedance 765 432 10 IMPEDANCE [7:0] IMPEDANCE: Currently sensed impedance |