Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE821QTR Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STMPE821QTR
Description  8-bit Xpander Logic??with touchkey controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821QTR Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STMPE821QTR Datasheet HTML 31Page - STMicroelectronics STMPE821QTR Datasheet HTML 32Page - STMicroelectronics STMPE821QTR Datasheet HTML 33Page - STMicroelectronics STMPE821QTR Datasheet HTML 34Page - STMicroelectronics STMPE821QTR Datasheet HTML 35Page - STMicroelectronics STMPE821QTR Datasheet HTML 36Page - STMicroelectronics STMPE821QTR Datasheet HTML 37Page - STMicroelectronics STMPE821QTR Datasheet HTML 38Page - STMicroelectronics STMPE821QTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
STMPE821
Capacitive touch module registers
35/55
EVR
Enviromental variance
Address:
0x40
Type:
R/W
Reset:
0x04
Description:
Enviromental variance setting.
7654
3
2
1
0
RESERVED
TVR
[7] RESERVED
[6] EVR:
EVR is used to detect "Non-Touch" condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55