Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1123003 Fiches technique(PDF) 5 Page - Lapp.

No de pièce 1123003
Description  ÖLFLEX® CLASSIC 130 H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LAPP [Lapp.]
Site Internet  https://e.lapp.com/us/
Logo LAPP - Lapp.

1123003 Fiches technique(HTML) 5 Page - Lapp.

  1123003 Datasheet HTML 1Page - Lapp. 1123003 Datasheet HTML 2Page - Lapp. 1123003 Datasheet HTML 3Page - Lapp. 1123003 Datasheet HTML 4Page - Lapp. 1123003 Datasheet HTML 5Page - Lapp. 1123003 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index (kg/km)
Weight (kg/km)
1123069
4 G 1
6.6
38.4
83
1123070
4 X 1
6.6
38.4
83
1123071
5 G 1
7.3
48
100
1123072
5 X 1
7.3
48
100
1123074
7 G 1
8.1
67.2
130
1123075
7 X 1
8.1
67.2
130
1123076
8 G 1
9.7
76.8
164
1123078
10 G 1
10.4
96
183
1123080
12 G 1
10.7
115.2
212
1123081
12 X 1
10.7
115.2
212
1123083
16 G 1
12.1
153.6
275
1123084
18 G 1
12.9
172.8
314
1123090
25 G 1
15
240
429
1123094
34 G 1
17.5
326.4
570
1123106
2 X 1.5
6.4
28.8
72
1123107
3 G 1.5
6.8
43.2
88
1123108
3 X 1.5
6.8
43.2
88
1123109
4 G 1.5
7.4
57.6
110
1123110
4 X 1.5
7.4
57.6
110
1123111
5 G 1.5
8.3
72
135
1123112
5 X 1.5
8.3
72
135
1123114
7 G 1.5
9
100.8
174
1123115
7 X 1.5
9
100.8
174
1123116
8 G 1.5
10.8
115.2
223
1123118
10 G 1.5
11.8
144
250
1123120
12 G 1.5
12.2
172.8
289
1123124
18 G 1.5
14.6
259.2
433
1123128
25 G 1.5
17.2
360
596
1123130
34 G 1.5
19.8
489.6
786
1123139
2 X 2.5
7.6
48
110
1123140
3 G 2.5
8.3
72
137
1123142
4 G 2.5
9
96
174
1123144
5 G 2.5
10.1
120
217
1123146
7 G 2.5
11.2
168
283



Html Pages

1 2 3 4 5 6