Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HB2000ES Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 9Page - NXP Semiconductors HB2000ES Datasheet HTML 10Page - NXP Semiconductors HB2000ES Datasheet HTML 11Page - NXP Semiconductors HB2000ES Datasheet HTML 12Page - NXP Semiconductors HB2000ES Datasheet HTML 13Page - NXP Semiconductors HB2000ES Datasheet HTML 14Page - NXP Semiconductors HB2000ES Datasheet HTML 15Page - NXP Semiconductors HB2000ES Datasheet HTML 16Page - NXP Semiconductors HB2000ES Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
13 / 34
Table 6. Output signal definitions
Output name
Description
OUT1
output 1 of H-Bridge
OUT2
output 2 of H-Bridge
FS_B
open-drain active LOW status flag output to indicate fault
CFB
current mirror output for real-time load current monitoring
MISO
master input slave output for SPI
4.9 Test point definitions
The following test points provide access to various signals to and from the board.
Figure 8. Test point locations
Table 7. Test point definitions
Test point name Signal name Description
CFB_V
CFB_READ
CFB pin voltage going to ADC
CCP
CCP
charge pump voltage
ENBL1
ENBL
enable/disable signal to activate/3-state the outputs and put the device to
Sleep mode
DIS1
DIS
enable/disable signal to activate/3-state the outputs
IN_1
IN1
direction control in H-Bridge mode and OUT1 control in Half-Bridge mode
IN_2
IN2
PWM control in H-Bridge mode and OUT2 control in Half-Bridge mode
VPWR
VPWR
system voltage
VDDQ1
VDDQ
VDDQ digital output supply voltage
FS_B1
FSB
fault status monitoring pin
VDD1
VDD
VDD supply for the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34