Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HB2000ES Fiches technique(PDF) 21 Page - NXP Semiconductors

No de pièce HB2000ES
Description  evaluation board
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HB2000ES Fiches technique(HTML) 21 Page - NXP Semiconductors

Back Button HB2000ES Datasheet HTML 17Page - NXP Semiconductors HB2000ES Datasheet HTML 18Page - NXP Semiconductors HB2000ES Datasheet HTML 19Page - NXP Semiconductors HB2000ES Datasheet HTML 20Page - NXP Semiconductors HB2000ES Datasheet HTML 21Page - NXP Semiconductors HB2000ES Datasheet HTML 22Page - NXP Semiconductors HB2000ES Datasheet HTML 23Page - NXP Semiconductors HB2000ES Datasheet HTML 24Page - NXP Semiconductors HB2000ES Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
NXP Semiconductors
KTFRDMHB2000ESEVMUG
FRDM-HB2000ESEVM evaluation board
KTFRDMHB2000ESEVMUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2 — 11 June 2018
21 / 34
6.1.2 Step-by-step instructions for setting up the hardware for use with a
function generator
This section describes how to configure the FRDM-HB2000ESEVM for use with
a function generator. The same connections apply if the board is connected to a
microcontroller instead of a function generator. To configure the board for use in a
specific environment, see Section 4.4, Section 7, and the MC33HB2000 data sheet.
1. Connect the function generator to the EX_IN jumper, with one channel attached to
each pin.
2. Change the board jumper connections, as shown in Figure 14.
3. With the power switched off, attach the DC power supply to the VBAT and GND screw
connector terminal (J20) on the evaluation board.
4. Connect the load to the screw terminal (J21).
Figure 14 illustrates the hardware configuration.
Figure 14. FRDM-HB2000ESEVM configured for use with a function generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34