| Moteur de recherche de fiches techniques de composants électroniques |
|
CWA-STANDARD-R Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CWA-STANDARD-R Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 4 page ![]() Flexible Tools to Maximize Your Market Impact Freescale’s CodeWarrior™ Development Studio for Microcontrollers V6.3 is a single, integrated tool suite designed to get you on the design fast track with RS08, HC(S)08 and V1 ColdFire® members of the Freescale Controller Continuum. Whether your design is an 8-bit, entry-level application (e.g. smoke detector) or a 32-bit, high-end application (e.g. fire alarm control panel), CodeWarrior Development Studio for Microcontrollers provides optimized tools to take full advantage of the Freescale microcontroller you selected for your design. Re-Target Your Application in Four Mouse Clicks The award-winning CodeWarrior tool suite goes well beyond basic code generation and debugging—if market requirements change mid-project, the MCU Change Wizard allows you to re-target the project to a new microcontroller in as few as four mouse clicks. Simply select a new microcontroller (from the same or a different architecture—RS08, HC08, HCS08, or ColdFire V1), select the default connection and the CodeWarrior tool suite automatically reconfigures your project for the new microcontroller with the correct build tools (compiler, assembler, linker) and the appropriate support files (header files, libraries and linker files). For projects switching between 8-bit and 32-bit Flexis™ series microcontrollers this is the extent of the porting effort. Porting Assistance at Your Fingertips To move other 8-bit applications to V1 ColdFire a porting guide is provided, which details the differences between the architectures and the impact these differences have on software design. The V1 ColdFire compiler also flags code that needs to be manually inspected and ported (assembly code, interrupt service routines). Easy Migration with Processor Expert™ If you use Processor Expert—a rapid application design tool integrated into the CodeWarrior tool suite—migrating between Freescale microcontrollers is a breeze. Just define the functionality you need for your application and Processor Expert generates tested, optimized C-code tuned for your application and the selected microcontroller. When you change the microcontroller with the MCU Change Wizard, Processor Expert maps the software and peripheral components that describe your application’s functionality to the resources available on the new microcontroller. All you have to do is resolve any resource issues flagged by Processor Expert and you’re finished. Controller Continuum CodeWarrior™ Development Studio for Microcontrollers V6.3 |
Numéro de pièce similaire - CWA-STANDARD-R |
|
Description similaire - CWA-STANDARD-R |